Part Number Hot Search : 
B3874 A8041 AOTF8N50 1800A BT440 LC74793 32F10 MC10E
Product Description
Full Text Search
 

To Download A510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet
u1510
Analog Switch IC
Description
The integrated circuit u1510 is used to switch arbitrary loads on AC lines. These loads may be inductivities, capacities or resistances. The circuit has a CMOS/TTL input with schmitt trigger character. Integrated functions protect the circuit versus short circuit and overtemperature.
Features
q q q q q Small switch-ON-resistance < 15W Stand-by power dissipation < 0.02W Minimum external components ESD-protected input Integrated short circuit and overtemperature protection q Temperature range 0C ... +70C q Package SOP12LP 1510BT
Applications
q General switching element for analog voltages q Electronic switch for power supply engines, relays, magnetic valves, etc.
Typical Application
u1510 - electronic switch for loads on AC-lines
Fuse
240VAC
Load
IN IN
u1510
SW1
VDS
VDS
SW3
GND
GND
SW2
June 1999
alpha microelectronics gmbh
Functional Block Diagram
SW1
5
u1510
&
SW2
1
SW3 Current Limiter
6
Oscillator
Charge Pump Control 8 VDS VDS Thermal Protection
IN
7
M
GND
Pin Definition
Pin 5 1 6 7 8 Symbol SW1 SW2 SW3 IN VDS Designation Switch port 1 Switch port 2 Switch port 3 Input Power Supply
M GND Ground The location of pins can be changed during the development
Page 2 of 6
alpha microelectronics gmbh
June 1999
General function and description
The u1510 is an electronic switch for common applications on the 120V/230V main and allows to switch inductive, capacitive and resistive loads. The switch disposes an CMOS / TTL input. The IC is protected versus short circuit and overtemperature. Two fundamental configurations of the switch are possible: * A bi-directional switch without a bridge rectifier is realisable by a series connection of the two integrated high voltage DMOS transistors. * The parallel connection of the high voltage DMOS transistors allows an unidirectional application.
PIN function and description
VDS
The u1510 is designed for a supply voltage of VDS = 10 ... 14V. This pin supplies the control circuit with an internal oscillator.
GND
The ground pin supplies the control circuit.
IN
The input of the switch is designed for TTL and CMOS applications. This pin owns an internal pull up to support a simple input circuit.
SW1
SW1 is the Drain of a high voltage DMOS - Transistor. The SW1 is dielectric isolated from the control circuit
SW2
SW2 educates the common Source of 2 high voltage DMOS - Transistors. The SW2 is dielectric isolated from the control circuit
SW3
SW3 is the Drain of a high voltage DMOS - Transistor. The SW3 is dielectric isolated from the control circuit
Absolute Maximum Ratings
at Tamb = 0C ... +70C Symbol VSW13 VSW32 VDIE VDS VIN PTOT Tamb TSD Tj Tstg Rthja Parameter Switching Voltage 1 - 3 Switching Voltage 1/3 -2 Dielectric Voltage (Switch 1/2/3 - Ground M) Power Supply Input Voltage Power Dissipation Operating temperature Switch off temperature (Thermal shutdown) Junction temperature Storage temperature Thermal resistance (junction - ambient) 0 150 -25 -55 short between Pin5 and Pin6 short between Pin1; Pin5 and Pin6 -0.7 -0.7 Conditions Min Max 276 400 500 15 7 1 70 170 150 150 70 Unit Vrms V V V V W C C C C K/W
June 1999
alpha microelectronics gmbh
Page 3 of 6
Electrical Characteristics DC Characteristics
at Ta = 0C ... 70C, unless otherwise specified Symbol ISW(leak) VDS IDS VIN Low VIN High -IIN Low IIN High Parameter Leakage current of the switch Power Supply Current Supply Input voltage low Input voltage high Input current low Input current high VIN = 0V VIN = 5V VDS = 12V -0.3 2 Conditions VSW13 = 300V ISW13 = 0.5A 10 2 45 Min Typ Max 10 50 14 4 0.8 5 30 10 Unit A V mA V V A A
RSW13_ON On resistance of the switch
AC Characteristics
at Ta = 25C, unless otherwise specified Symbol t1 t2 t3 t4 Parameter Turn on delay time of the switch Turn on time of the switch Turn off delay time of the switch Turn off time of the switch Conditions VSW13 = 300V; ISW13 =0.5A VSW13 = 300V; ISW13 =0.5A VSW13 = 300V; ISW13 =0.5A VSW13 = 300V; ISW13 =0.5A Min Typ Max 10 20 10 20 Unit s s s s
Further application
Examples for further applications of the u1510 are: * Speed regulation of an engine (See Fig.1) * Remote control of an incandescent lamp (See Fig.2) * DC Load (See Fig.3)
Fuse AC-Line 120V/230V Filter
IN
IN
u1510
SW1
VDS
VDS
SW3
GND
GND
SW2
Fig.1 Speed regulation of an engine
Page 4 of 6
alpha microelectronics gmbh
June 1999
Fuse AC-Line 120V/230V Filter
IN
IN
u1510
SW1
VDS
VDS
SW3
GND
GND
SW2
Fig.2 Remote control of an incandescent lamp
IN
Load
IN
u1510
SW1
VDS
VDS
SW3
400V
GND
GND
SW2
Fig.3 DC Load
June 1999
alpha microelectronics gmbh
Page 5 of 6
Package
12-pin Plastic Power-SOP
10.31typ.
2.54typ. 4 typ. 2.95typ. 0.41 10.16typ. 1.27 0.76 typ 0.27 typ.
11.58 typ.
12 11 10
M
9
8
7
7.49typ.
1
2
3
M
4
5
6
SOP 12LP
Note
It is not given warranty that the declared circuits, devices, facilities; components, assembly groups or treatments included herein are free from legal claims of third parties. The declared data are serving only to description of product. They are not guarantee properties as defined by law. The examples are given without obligation and cannot given rise to any liability. Reprinting this data sheet - or parts of it - is only allowed with a licence of the publisher. alpha microelectronics gmbh reserves the right to make changes on this specification without notice at any time.
alpha microelectronics gmbh
Im Technologiepark 1 15236 Frankfurt (Oder) Germany Tel Fax Internet email ++49-335-557 1750 ++49-335-557 1759 http://www.alpha-microelectronics.de alpha@alpha-microelectronics.de
1510DSHc.doc
Page 6 of 6
alpha microelectronics gmbh
June 1999


▲Up To Search▲   

 
Price & Availability of A510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X